Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC)
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 9Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 10Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 11Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 12Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 13Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 14Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 15Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 16Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
PRELIMINARY
PSoC®3: CY8C38 Family Data Sheet
Document Number: 001-11729 Rev. *I
Page 13 of 100
4.3.1.3
Data Transfer Instructions
The data transfer instructions are of three types: the core RAM,
xdata RAM, and the look up tables. The core RAM transfer
includes transfer between any two core RAM locations or SFRs.
These instructions can use direct, indirect, register, and
immediate addressing. The xdata RAM transfer includes only the
transfer between the accumulator and the xdata RAM location.
It can use only indirect addressing. The look up tables involve
nothing but the read of program memory using the Indexed
addressing mode. Table 4-3 lists the various data transfer
instructions available.
4.3.1.4
Boolean Instructions
The 8051 core has a separate bit addressable memory location.
It has 128 bits of bit addressable RAM and a set of SFRs that are
bit addressable. The instruction set includes the whole menu of
bit operations such as move, set, clear, toggle, OR, and AND
instructions and the conditional jump instructions. Table 4-4 lists
the available Boolean instructions.
XRL
Direct, #data
XOR immediate data to direct byte
3
3
CLR
A
Clear accumulator
1
1
CPL
A
Complement accumulator
1
1
RL
A
Rotate accumulator left
1
1
RLC
A
Rotate accumulator left through carry
1
1
RR
A
Rotate accumulator right
1
1
RRC A
Rotate accumulator right though carry
1
1
SWAP A
Swap nibbles within accumulator
1
1
Table 4-2. Logical Instructions
(continued)
Mnemonic
Description
Bytes
Cycles
Table 4-3. Data Transfer Instructions
Mnemonic
Description
Bytes
Cycles
MOV
A,Rn
Move register to accumulator
1
1
MOV
A,Direct
Move direct byte to accumulator
2
2
MOV
A,@Ri
Move indirect RAM to accumulator
1
2
MOV
A,#data
Move immediate data to accumulator
2
2
MOV
Rn,A
Move accumulator to register
1
1
MOV
Rn,Direct
Move direct byte to register
2
3
MOV
Rn, #data
Move immediate data to register
2
2
MOV
Direct, A
Move accumulator to direct byte
2
2
MOV
Direct, Rn
Move register to direct byte
2
2
MOV
Direct, Direct
Move direct byte to direct byte
3
3
MOV
Direct, @Ri
Move indirect RAM to direct byte
2
3
MOV
Direct, #data
Move immediate data to direct byte
3
3
MOV
@Ri, A
Move accumulator to indirect RAM
1
2
MOV
@Ri, Direct
Move direct byte to indirect RAM
2
3
MOV
@Ri, #data
Move immediate data to indirect RAM
2
2
MOV
DPTR, #data16
Load data pointer with 16 bit constant
3
3
MOVC A, @A+DPTR
Move code byte relative to DPTR to accumulator
1
5
MOVC A, @A + PC
Move code byte relative to PC to accumulator
1
4
MOVX A,@Ri
Move external RAM (8 bit) to accumulator
1
3
MOVX A, @DPTR
Move external RAM (16 bit) to accumulator
1
2
MOVX @Ri, A
Move accumulator to external RAM (8 bit)
1
4
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com