Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC)
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 73Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 74Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 75Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 76Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 77Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 78Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 79Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 80Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
PRELIMINARY
PSoC®3: CY8C38 Family Data Sheet
Document Number: 001-11729 Rev. *I
Page 77 of 100
11.5.12 Unity Gain Buffer
The Unity Gain Buffer is created using a SC/CT Analog Block. See the Unity Gain Buffer component data sheet in PSoC Creator for
full AC/DC specifications, and APIs and example code.
11.5.13 Temperature Sensor
11.5.14 LCD Direct Drive
Table 11-37. Unity Gain Buffer DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Vos
Input offset voltage[9]
--
10
mV
Offset voltage drift
-
-
30
µv/°C
Input voltage range
Vssa
-
Vdda
V
Voh, Vol
Output voltage range
Vssa +
0.15
-
Vdda -
0.15
V
Output current source capability[9]
Drive setting 3, Vdda = 1.71V
-
-
250
µA
Quiescent current
-
900
-
µA
Table 11-38. Unity Gain Buffer AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bandwidth[9, 15]
Noninverting mode, 300 mV
≤ Vin ≤
Vdda - 1.2V, Cl
≤ 25 pF
7-
-
MHz
Slew rate[9]
Vdda = 1.71V 5% to 90% FS output,
CL = 50 pF
3-
-
V/µs
Input noise spectral density[9]
-
38
-
nV/sqrtHz
Table 11-39. Temperature Sensor Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Temp sensor accuracy
-40 to +140 range
-
±5
-
°C
Table 11-40. LCD Direct Drive DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Icc
LCD operating current
32x4 segment display at 30 Hz.
Segment capacitance is < 500 pF[18].
-15
-
μA
Vbias
LCD bias range
Vdda must be 3V or higher
2.048
-
5.325
V
LCD bias step size
-
25.8
-
mV
LCD capacitance per
segment/common driver
Drivers may be combined
-
500
5000
pF
Long term segment offset
-
-
10
mV
Iout per segment driver
Strong drive
120
160
200
µA
Weak drive
-
0.5
-
µA
Weak drive 2
-
1
-
µA
Icc per segment driver
Strong drive
220
260
300
µA
Weak drive
-
11
-
µA
Weak drive 2
-
22
-
µA
No drive
-
<25
-
nA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com