Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC)
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 44Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 45Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 46Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 47Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 48Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 49Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 50Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 51Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
PRELIMINARY
PSoC®3: CY8C38 Family Data Sheet
Document Number: 001-11729 Rev. *I
Page 48 of 100
7.9 Digital Filter Block
Some devices in the CY8C38 family of devices have a dedicated
HW accelerator block used for digital filtering. The DFB has a
dedicated multiplier and accumulator that calculates a 24-bit by
24-bit multiply accumulate in one system clock cycle. This
enables the mapping of a direct form FIR filter that approaches
a computation rate of one FIR tap for each clock cycle. The MCU
can implement any of the functions performed by this block, but
at a slower rate that consumes MCU bandwidth.
The PSoC Creator interface provides a wizard to implement FIR
and IIR digital filters with coefficients for LPF, BPF, HPF, Notch
and arbitrary shape filters. 64 pairs of data and coefficients are
stored. This enables a 64 tap FIR filter or up to 4 16 tap filters of
either FIR or IIR formulation.
Figure 7-22. DFB Application Diagram (pwr/gnd not shown)
The typical use model is for data to be supplied to the DFB over
the system bus from another on-chip system data source such
as an ADC. The data typically passes through main memory or
is directly transferred from another chip resource through DMA.
The DFB processes this data and passes the result to another
on chip resource such as a DAC or main memory through DMA
on the system bus.
Data movement in or out of the DFB is typically controlled by the
system DMA controller but can be moved directly by the MCU.
8. Analog Subsystem
The analog programmable system creates application specific
combinations of both standard and advanced analog signal
processing blocks. These blocks are then interconnected to
each other and also to any pin on the device, providing a high
level of design flexibility and IP security. The features of the
analog subsystem are outlined here to provide an overview of
capabilities and architecture.
Flexible, configurable analog routing architecture provided by
analog globals, analog mux bus, and analog local buses.
High resolution Delta-Sigma ADC.
Up to four 8-bit DACs that provide either voltage or current
output.
Four comparators with optional connection to configurable LUT
outputs.
Up to four configurable switched capacitor/continuous time
(SC/CT) blocks for functions that include opamp, unity gain
buffer, programmable gain amplifier, transimpedance amplifier,
and mixer.
Up to four opamps for internal use and connection to GPIO that
can be used as high current output buffers.
CapSense subsystem to enable capacitive touch sensing.
Precision reference for generating an accurate analog voltage
for internal analog blocks.
Digital Filter
Block
write_data
read_data
System
Bus
DMA
CTRL
Data
Source
(PHUB)
Data
Dest
(PHUB)
addr
Digital
Routing
BUSCLK
DMA
Request
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com