Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC)
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 53Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 54Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 55Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 56Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 57Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 58Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 59Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 60Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
PRELIMINARY
PSoC®3: CY8C38 Family Data Sheet
Document Number: 001-11729 Rev. *I
Page 57 of 100
Figure 8-11. Mixer Configuration
8.11 Sample and Hold
The main application for a sample and hold, is to hold a value
stable while an ADC is performing a conversion. Some applica-
tions require multiple signals to be sampled simultaneously, such
as for power calculations (V and I).
Figure 8-12. Sample and Hold Topology
(
Φ1 and Φ2 are opposite phases of a clock)
8.11.1 Down Mixer
The SC/CT block can be used as a mixer to down convert an
input signal. This circuit is a high bandwidth passive sample
network that can sample input signals up to 14 MHz. This
sampled value is then held using the opamp with a maximum
clock rate of 4 MHz. The output frequency is at the difference
between the input frequency and the highest integer multiple of
the Local Oscillator that is less than the input.
8.11.2 First Order Modulator - SC Mode
A first order modulator is constructed by placing the SC/CT block
in an integrator mode and using a comparator to provide a 1-bit
feedback to the input. Depending on this bit, a reference voltage
is either subtracted or added to the input signal. The block output
is the output of the comparator and not the integrator in the
modulator case. The signal is downshifted and buffered and then
processed by a decimator to make a delta-sigma converter or a
counter to make an incremental converter. The accuracy of the
sampled data from the first-order modulator is determined from
several factors.
The main application for this modulator is for a low frequency
ADC with high accuracy. Applications include strain gauges,
thermocouples, precision voltage, and current measurement.
9. Programming, Debug Interfaces,
Resources
PSoC devices include extensive support for programming,
testing, debugging, and tracing both hardware and firmware.
Three interfaces are available: JTAG, SWD, and SWV. JTAG and
SWD support all programming and debug features of the device.
JTAG also supports standard JTAG scan chains for board level
test and chaining multiple JTAG devices to a single JTAG
connection.
Complete Debug on Chip (DoC) functionality enables full device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debug.
The PSoC Creator IDE software provides fully integrated
programming and debug support for PSoC devices. The low cost
MiniProg3 programmer and debugger is designed to provide full
programming and debug support of PSoC devices in conjunction
with the PSoC Creator IDE. PSoC JTAG, SWD, and SWV inter-
faces are fully compatible with industry standard third party tools.
All DOC circuits are disabled by default and can only be enabled
in firmware. If not enabled, the only way to reenable them is to
erase the entire device, clear Flash protection, and reprogram
the device with new firmware that enables DOC. Disabling DOC
features, robust Flash protection, and hiding custom analog and
digital functionality inside the PSoC device provide a level of
security not possible with multichip application solutions.
Additionally, all device interfaces can be permanently disabled
(Device Security) for applications concerned about phishing
attacks due to a maliciously reprogrammed device. Permanently
disabling interfaces is not recommended in most applications
because the designer then cannot access the device. Because
all programming, debug, and test interfaces are disabled when
Device Security is enabled, PSoCs with Device Security enabled
may not be returned for failure analysis.
Vref
Vout
0
1
R
mix 0 20k or 40k
R
mix 0 20k or 40k
sc_clk
sc_clk
Vin
C2 = 1.7 pF
C1 = 850 fF
V i
n
V ref
V out
1
2
C
1
C
2
2
1
1
2
1
2
1
1
2
2
C3
C4
Vref
V ref
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Table 9-1. Debug Configurations
Debug and Trace Configuration
GPIO Pins Used
All debug and trace disabled
0
JTAG
4 or 5
SWD
2
SWV
1
SWD + SWV
3
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com