Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC)
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 72Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 73Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 74Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 75Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 76Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 77Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 78Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 79Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
PRELIMINARY
PSoC®3: CY8C38 Family Data Sheet
Document Number: 001-11729 Rev. *I
Page 76 of 100
11.5.11 Programmable Gain Amplifier
The PGA is created using a SC/CT Analog Block, see the PGA component data sheet in PSoC Creator for full AC/DC specifications,
and APIs and example code.
Table 11-35. PGA DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Vos
Input offset voltage[9]
--
10
mV
DeltaV/DeltaTa Input offset voltage drift[9]
-
±30
-
µV/°C
Output current source capability[9]
Drive setting 3, Vdda = 1.71V
-
-
250
µA
PSRR
Power supply rejection ratio[9]
100 kHz
69
-
-
dB
1 MHz
38
-
-
dB
Zin
Input impedance[9]
For non inverting inputs
35
-
-
M
Ω
Gain Error[9]
Non inverting mode, reference = Vssa
Ge1
Gain = 1
Rin of 40K
-
-
±
0.15
%
Ge2
Gain = 2
Rin of 40K
-
-
±
1%
Ge4
Gain = 4
Rin of 40K
-
-
±
1.03
%
Ge8
Gain = 8
Rin of 40K
-
-
±
1.23
%
Ge16
Gain = 16
Rin of 40K
-
-
±
2.5
%
Ge32
Gain = 32
Rin of 40K
-
-
±
5%
Ge50
Gain = 50
Rin of 40K
-
-
±
5%
Vonl
DC output non linearity G = 1[9]
-
-
0.01
% of FSR
Voh, Vol
Output voltage swing
Vssa +
0.15
-
Vdda -
0.15
V
Quiescent current[9]
-
-
1.65
mA
Table 11-36. PGA AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
-3 db Bandwidth[9]
BW1
Gain = 1
Noninverting mode, 300 mV
≤ Vin
≤ Vdda - 1.2V, Cl ≤ 25 pF
7-
-
MHz
BW24
Gain = 24
Noninverting mode, 300 mV
≤ Vin
≤ Vdda - 1.2V, Cl ≤ 25 pF
360
-
-
kHz
BW48
Gain = 48
Noninverting mode, 300 mV
≤ Vin
≤ Vdda - 1.2V, Cl ≤ 25 pF
215
-
-
kHz
Slew Rate[9]
SR1
Gain = 1
Vdda = 1.71V 5% to 90% FS output
3
-
-
V/µs
SR24
Gain = 24
RC limited
0.5
-
-
V/µs
SR48
Gain = 48
RC limited
0.5
-
-
V/µs
Input Noise Voltage Density[9]
eni1
Gain = 1
10 kHz
-
38
-
nV/sqrtHz
eni24
Gain = 24
10 kHz
-
38
-
nV/sqrtHz
eni48
Gain = 48
10 kHz
-
38
-
nV/sqrtHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com