Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 200Page - Renesas Technology Corp R8C/13 Datasheet HTML 201Page - Renesas Technology Corp R8C/13 Datasheet HTML 202Page - Renesas Technology Corp R8C/13 Datasheet HTML 203Page - Renesas Technology Corp R8C/13 Datasheet HTML 204Page - Renesas Technology Corp R8C/13 Datasheet HTML 205Page - Renesas Technology Corp R8C/13 Datasheet HTML 206Page - Renesas Technology Corp R8C/13 Datasheet HTML 207Page - Renesas Technology Corp R8C/13 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 224 page
background image
R8C/13 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 193 of 205
REJ09B0111-0120
19.5 Serial Interface
(1) When reading data from the UiRB (i=0,1) register even in the clock asynchronous serial I/O mode or
in the clock synchronous serial I/O mode. Be sure to read data in 16-bit unit. When the high-byte of
the UiRB register is read, the PER and FER bits of the UiRB register and the RI bit of the UiC1
register are set to "0".
Example (when reading receive buffer register):
MOV.W
00A6H, R0
; Read the U0RB register
(2) When writing data to the UiTB register in the clock asynchronous serial I/O mode with 9-bit transfer
data length, data should be written high-byte first then low-byte in 8-bit unit.
Example (when reading transmit buffer register):
MOV.B
#XXH, 00A3H
; Write the high-byte of U0TB register
MOV.B
#XXH, 00A2H
; Write the low-byte of U0TB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com