Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 197Page - Renesas Technology Corp R8C/13 Datasheet HTML 198Page - Renesas Technology Corp R8C/13 Datasheet HTML 199Page - Renesas Technology Corp R8C/13 Datasheet HTML 200Page - Renesas Technology Corp R8C/13 Datasheet HTML 201Page - Renesas Technology Corp R8C/13 Datasheet HTML 202Page - Renesas Technology Corp R8C/13 Datasheet HTML 203Page - Renesas Technology Corp R8C/13 Datasheet HTML 204Page - Renesas Technology Corp R8C/13 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 224 page
background image
R8C/13 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 190 of 205
REJ09B0111-0120
Example 1: Use NOP instructions to prevent I flag being set to “1”
before interrupt control register is changed
INT_SWITCH1:
FCLR
I
; Disable interrupts
AND.B
#00H, 0056H ; Set TXIC register to “0016”
NOP
NOP
FSET
I
; Enable interrupts
Example 2: Use dummy read to have FSET instruction wait
INT_SWITCH2:
FCLR
I
; Disable interrupts
AND.B
#00H, 0056H ; Set TXIC register to “0016”
MOV.W MEM, R0
; Dummy read
FSET
I
; Enable interrupts
Example 3: Use POPC instruction to change I flag
INT_SWITCH3:
PUSHC FLG
FCLR
I
; Disable interrupts
AND.B
#00H, 0056H ; Set TXIC register to “0016”
POPC
FLG
; Enable interrupts
19.2.6 Changing Interrupt Control Register
(1) Each interrupt control register can only be changed while interrupt requests corresponding to that
register are not generated. If interrupt requests may be generated, disable the interrupts before
changing the interrupt control register.
(2) When changing any interrupt control register after disabling interrupts, be careful with the instruc-
tion to be used.
When Changing Any Bit Other Than IR Bit
If an interrupt request corresponding to that register is generated while executing the instruction, the
IR bit may not be set to “1” (interrupt requested), and the interrupt request may be ignored. If this
causes a problem, use the following instructions to change the register.
Instructions to use: AND, OR, BCLR, BSET
When Changing IR Bit
If the IR bit is set to “0” (interrupt not requested), it may not be set to “0” depending on the instruction
used. Use the MOV instruction to set the IR bit to “0”.
(3) When disabling interrupts using the I flag, set the I flag according to the following sample pro-
grams. Refer to (2) for the change of interrupt control registers in the sample programs.
Sample programs 1 to 3 are preventing the I flag from being set to “1” (interrupt enabled) before writing
to the interrupt control registers for reasons of the internal bus or the instruction queue buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com