Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 201Page - Renesas Technology Corp R8C/13 Datasheet HTML 202Page - Renesas Technology Corp R8C/13 Datasheet HTML 203Page - Renesas Technology Corp R8C/13 Datasheet HTML 204Page - Renesas Technology Corp R8C/13 Datasheet HTML 205Page - Renesas Technology Corp R8C/13 Datasheet HTML 206Page - Renesas Technology Corp R8C/13 Datasheet HTML 207Page - Renesas Technology Corp R8C/13 Datasheet HTML 208Page - Renesas Technology Corp R8C/13 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 224 page
background image
R8C/13 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 194 of 205
REJ09B0111-0120
19.6 A/D Converter
(1) When writing to each bit but except bit 6 in the ADCON0 register, each bit in the ADCON1 register, or
the SMP bit in the ADCON2 register, A/D conversion must be stopped (before a trigger occurs).
When the VCUT bit in the ADCON1 register is changed from “0” (VREF not connected) to “1” (VREF
connected), wait at least 1 µs before starting A/D conversion.
(2) When changing AD operation mode, select an analog input pin again.
(3) In one-shot mode, A/D conversion must be completed before reading the AD register. The IR bit in
the ADIC register or the ADST bit in the ADCON0 register can indicates whether the A/D conversion
is completed or not.
(4) In repeat mode, the undivided main clock must be used for the CPU clock.
(5) If A/D conversion is forcibly terminated while in progress by setting the ADST bit in the ADCON0
register to “0” (A/D conversion halted), the conversion result of the A/D converter is indeterminate. If
the ADST bit is set to “0” in a program, ignore the value of AD register.
(6) A 0.1 µF capacitor should be connected between the AVcc/VREF pin and AVss pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com