Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 92Page - Renesas Technology Corp R8C/13 Datasheet HTML 93Page - Renesas Technology Corp R8C/13 Datasheet HTML 94Page - Renesas Technology Corp R8C/13 Datasheet HTML 95Page - Renesas Technology Corp R8C/13 Datasheet HTML 96Page - Renesas Technology Corp R8C/13 Datasheet HTML 97Page - Renesas Technology Corp R8C/13 Datasheet HTML 98Page - Renesas Technology Corp R8C/13 Datasheet HTML 99Page - Renesas Technology Corp R8C/13 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 85 of 205
REJ09B0111-0120
R8C/13 Group
12.2.2 Programmable Waveform Generation Mode
In this mode, an signal output from the TYOUT pin is inverted each time the counter underflows, while
the values in the TYPR register and TYSC register are counted alternately (see “Table 12.8 Program-
mable Waveform Generation Mode Specifications”). A counting starts by counting the set value in the
TYPR register. Figure 12.16 shows the TYZMR register in programmable waveform generation mode.
Figure 12.17 shows the operation example.
Item
Specification
Count source
f1, f8, fRING
Count operation
• Down count
• When the timer underflows, it reloads the contents of primary reload register and sec-
ondary reload register alternately before continuing counting.
Output waveform width
Primary period
: (n+1)(m+1)/fi
and period
Secondary period : (n+1)(p+1)/fi
Period
: (n+1){(m+1)+(p+1)}/fi
n: set value in PREY register, m: set value in TYPR register, p: set value in TYSC register
fi : Count source frequency
Count start condition
Write “1” (count start) to TYS bit in TYZMR register
Count stop condition
Write “0” (count stop) to TYS bit in TYZMR register
Interrupt request generation timing In half of count source, after Timer Y underflows during secondary period (at the same
time as the CNTR1 output change) [Timer Y interrupt].
INT2/CNTR1 pin functions
Pulse output
Use timer mode when using this pin as a programmable I/O port.
Read from timer
Count value can be read out by reading TYPR register.
Same applies to PREY register(1).
Write to timer
Value written to TYPR register is written to only reload register.
Same applies to TYSC register and PREY register(2).
Select function
• Output level latch select function
The output level during primary and secondary periods is selected by the TYOPL bit.
• Programmable waveform generation output switching function
When the TYOCNT bit in the TYZOC register is set to “0”, the output from TYOUT is
inverted synchronously when Timer Y underflows during the secondary period. And
when set to “1”, a value in the P3_2 bit is output from TYOUT synchronously when Timer
Y underflows during the secondary period(3).
NOTES:
1. Even when counting the secondary period, read out the TYPR register.
2. The set value in the TYPR register and TYSC register are enabled by writing a value to the TYPR register.
The written values are reflected to the waveform output from the next primary period after writing to the TYPR
register.
3. The TYOCNTbit is enabled in the following timings
• When count starts
• When Timer Y interrupt request is generated
Therefore, pulse is output from the next primary period depending on the setting value of the TYOCNT bit.
Table 12.8 Programmable Waveform Generation Mode Specifications
12.2 Timer (Timer Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com