Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 93Page - Renesas Technology Corp R8C/13 Datasheet HTML 94Page - Renesas Technology Corp R8C/13 Datasheet HTML 95Page - Renesas Technology Corp R8C/13 Datasheet HTML 96Page - Renesas Technology Corp R8C/13 Datasheet HTML 97Page - Renesas Technology Corp R8C/13 Datasheet HTML 98Page - Renesas Technology Corp R8C/13 Datasheet HTML 99Page - Renesas Technology Corp R8C/13 Datasheet HTML 100Page - Renesas Technology Corp R8C/13 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 86 of 205
REJ09B0111-0120
R8C/13 Group
Figure 12.16 TYZMR Register and PUM Register in Programmable Waveform Generation Mode
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y operation
mode bit
NOTES:
1. The IR bit in the INT2IC register may be set to “1” (interrupt requested) when the R1EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
1 : Programmable waveform generation mode
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z-related bit
Timer Y count
start flag
1
Timer Y write
control bit
RW
RW
RW
RW
RW
RW
R1EDG
INT2/CNTR1 polarity
switching bit(1,3)
RW
RW
RW
2. When TYS bit= 1 (starts counting), the timer Y count value is written to the reload register only.
When TYS bit=0 (stops counting), the timer Y count value is written to both reload register and counter.
3. The INT2 interrupt request is not generated when the TYMOD0 bit is set to “1” (programmable waveform generatio mode).
Set to "1" in programmable waveform
generation mode.(2)
1
Disabled in programmable waveform
generation mode
Bit name
Function
Bit symbol
TYOPL
TZOPL
INOSEG
INOSTG
Timer Z-related bits
Timer Y, Z waveform output control register
Symbol
Address
After reset
PUM
008416
0016
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y output level
latch
0 : Outputs "H" for primary period
Outputs "L" for secondary period
Outputs "L" when the timer is stopped
1 : Outputs "L" for primary period
Outputs "H" for secondary period
Outputs "H" when the timer is stopped
(b3-b0)
Reserved bit
Must set to “0”
RW
RW
RW
RW
RW
RW
0
0
0
0
12.2 Timer (Timer Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com