Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 81Page - Renesas Technology Corp R8C/13 Datasheet HTML 82Page - Renesas Technology Corp R8C/13 Datasheet HTML 83Page - Renesas Technology Corp R8C/13 Datasheet HTML 84Page - Renesas Technology Corp R8C/13 Datasheet HTML 85Page - Renesas Technology Corp R8C/13 Datasheet HTML 86Page - Renesas Technology Corp R8C/13 Datasheet HTML 87Page - Renesas Technology Corp R8C/13 Datasheet HTML 88Page - Renesas Technology Corp R8C/13 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 74 of 205
REJ09B0111-0120
R8C/13 Group
12.1.2 Pulse Output Mode
In this mode, the timer counts an internally generated count source, and outputs from the CNTR0 pin
a pulse whose polarity is inverted each time the timer underflows (See “Table 12.3 Pulse Output mode
Specifications”). Figure 12.5 shows TXMR register in pulse output mode.
Item
Specification
Count source
f1, f2, f8, f32
Count operation
• Down-count
• When the timer underflows, the contents in the reload register is reloaded and the count
is contiuned.
Divide ratio
1/(n+1)(m+1)
n: set value of PREX register, m: set value of TX register
Count start condition
Write “1” (count start) to TXS bit in TXMR register
Count stop condition
Write “0” (count stop) to TXS bit in TXMR register
Interrupt request
• When Timer X underflows [Timer X interruption]
generation timing
INT1/CNTR0 pin function
Pulse output
CNTR0 pin function
Programmable I/O port or inverted output of CNTR0
Read from timer
Count value can be read by reading TX register.
Same applies to PREX register.
Write to timer
Value written to TX register is written to both reload register and counter.
Same applies to PREX register.
Select function
_____
• INT1/CNTR0 polarity switching function
Polarity level at starting of pulse output can be selected with R0EDG bit(1)
• Inverted pulse output function
___________
Inverted pulse of CNTR0 output polarity can be output from the CNTR0 pin
(selected by TXOCNT bit)
NOTES:
1. The level of the output pulse becomes the level when the pulse output starts when the TX register is written to.
Table 12.3 Pulse Output Mode Specifications
Figure 12.5 TXMR Register in Pulse Output Mode
Timer X mode register
SymbolAddressAfter reset
TXMR008B16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 1 : Pulse output mode
b1 b0
TXMOD2
TXS
TXMOD1
R0EDG
TXMOD0
TXOCNT
Operation mode
select bit 0, 1
0: CNTR0 output starts at "H"
1: CNTR0 output starts at "L"
Timer X count
start flag
0 : Stops counting
1 : Starts counting
P30/CNTR0
select bit
0 : Port P30
1 : CNTR0 output
Set to "0" in pulse output mode
0
0 1
TXEDG
TXUND
0
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
INT1/CNTR0 polarity
switching bit(1)
Set to "0" in pulse output mode
Set to "0" in pulse output mode
NOTES:
1. The IR bit in the INT1IC register may be set to “1” (interrupt requested) when the R0EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
12.1 Timer (Timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com