Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 55Page - Renesas Technology Corp R8C/13 Datasheet HTML 56Page - Renesas Technology Corp R8C/13 Datasheet HTML 57Page - Renesas Technology Corp R8C/13 Datasheet HTML 58Page - Renesas Technology Corp R8C/13 Datasheet HTML 59Page - Renesas Technology Corp R8C/13 Datasheet HTML 60Page - Renesas Technology Corp R8C/13 Datasheet HTML 61Page - Renesas Technology Corp R8C/13 Datasheet HTML 62Page - Renesas Technology Corp R8C/13 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 48 of 205
REJ09B0111-0120
R8C/13 Group
10.1.2 Software Interrupts
A software interrupt occurs when executing certain instructions. Software interrupts are non-
maskable interrupts.
• Undefined Instruction Interrupt
An undefined instruction interrupt occurs when executing the UND instruction.
• Overflow Interrupt
An overflow interrupt occurs when executing the INTO instruction with the O flag set to “1” (the
operation resulted in an overflow). The following are instructions whose O flag changes by arith-
metic:
ABS, ADC, ADCF, ADD, CMP, DIV, DIVU, DIVX, NEG, RMPA, SBB, SHA, SUB
• BRK Interrupt
A BRK interrupt occurs when executing the BRK instruction.
• INT Instruction Interrupt
An INT instruction interrupt occurs when executing the INT instruction. Software interrupt numbers 0
to 63 can be specified for the INT instruction. Because software interrupt Nos. 4 to 31 are assigned
to peripheral function interrupts, the same interrupt routine as for peripheral function interrupts can
be executed by executing the INT instruction.
In software interrupt numbers 0 to 31, the U flag is saved to the stack during instruction execution
and is cleared to “0” (ISP selected) before executing an interrupt sequence. The U flag is restored
from the stack when returning from the interrupt routine. In software interrupt numbers 32 to 63, the
U flag does not change state during instruction execution, and the SP then selected is used.
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com