Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 196Page - Renesas Technology Corp R8C/13 Datasheet HTML 197Page - Renesas Technology Corp R8C/13 Datasheet HTML 198Page - Renesas Technology Corp R8C/13 Datasheet HTML 199Page - Renesas Technology Corp R8C/13 Datasheet HTML 200Page - Renesas Technology Corp R8C/13 Datasheet HTML 201Page - Renesas Technology Corp R8C/13 Datasheet HTML 202Page - Renesas Technology Corp R8C/13 Datasheet HTML 203Page - Renesas Technology Corp R8C/13 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 224 page
background image
R8C/13 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 189 of 205
REJ09B0111-0120
Figure 19.1 Example of Procedure for Changing Interrupt Factor
Disable Interrupt(2, 3)
Change interrupt factor (including mode of
peripheral functions)
Enable interrupt(2, 3)
Interrupt factor change
Change completed
• IR bit: The interrupt control register bit of an interrupt whose
factor is changed
NOTES:
1. Execute the above setting individually. Do not execute two
or more settings at once (by one instruction).
2. Use the I flag for the INTi (i=0 to 3) interrupt.
To prevent interrupt requests from being generated when
using peripheral function interrupts other than the INTi
interrupt factor. In this case, use the I flag when all
maskable interrupts can be disabled. When all maskable
interrupts cannot be disabled, use the ILVL0 to ILVL2 bits
of the interrupt whose factor is changed.
3. Refer to “19.2.6 Changing Interrupt Control Register” for the
instructions to be used and their usage notes.
Set IR bit to “0” (interrupt not requested) using
MOV instruction(3)
19.2.5 Changing Interrupt Factor
The IR bit in the interrupt control register may be set to “1” (interrupt requested) when the interrupt
factor is changed. When using an interrupt, set the IR bit to “0” (interrupt not request) after changing
the interrupt factor. In addition, the changes of interrupt factors include all elements that change the
interrupt factors assigned to individual software interrupt numbers, polarities, and timing. Therefore,
when a mode change of the peripheral functions involves interrupt factors, edge polarities, and timing,
set the IR bit to “0” (interrupt not requested) after the change. Refer to each peripheral function for the
interrupts caused by the peripheral functions.
Figure 19.1 shows an Example of Procedure for Changing Interrupt Factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com