Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 192Page - Renesas Technology Corp R8C/13 Datasheet HTML 193Page - Renesas Technology Corp R8C/13 Datasheet HTML 194Page - Renesas Technology Corp R8C/13 Datasheet HTML 195Page - Renesas Technology Corp R8C/13 Datasheet HTML 196Page - Renesas Technology Corp R8C/13 Datasheet HTML 197Page - Renesas Technology Corp R8C/13 Datasheet HTML 198Page - Renesas Technology Corp R8C/13 Datasheet HTML 199Page - Renesas Technology Corp R8C/13 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 224 page
background image
R8C/13 Group
17.5 Standard Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 185 of 205
REJ09B0111-0120
Data input
Data output
TxD
CNVss
RxD
Microcomputer
(1) In this example, modes are switched between single-chip mode and standard
serial I/O mode by controlling the MODE input with a switch.
(2) Connecting the oscillation is necessary. Set the main clock frequency 1MHz
to 20 MHz. Refer to "Appendix 2.2 Connecting examples with M16C Flash
Starter (M3A-0806)".
MODE
• Example of Circuit Application in the Standard Serial I/O Mode
Figures 17.14 and 17.15 show examples of circuit application in standard serial I/O mode 1 and
mode 2, respectively. Refer to the serial programmer manual of your programmer to handle pins
controlled by the programmer.
Figure 17.14 Circuit Application in Standard Serial I/O Mode 1
MODE
I/O
Data output
CNVss input
Data input
TxD
MODE
CNVss
RESET
RxD
Reset input
User reset
signal
Microcomputer
(1) Control pins and external circuitry will vary according to programmer.
For more information, see the programmer manual.
(2) In this example, modes are switched between single-chip mode and
standard serial input/output mode by connecting a programmer.
(3) When operating with on-chip oscillator clock, connecting the oscillation circuit is not
necessary. Refer to "Appendix figure 2.1 Connecting Examples with USB Flash
Writer (M3A-0665)".
Figure 17.15 Circuit Application in Standard Serial I/O Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com