Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 183Page - Renesas Technology Corp R8C/13 Datasheet HTML 184Page - Renesas Technology Corp R8C/13 Datasheet HTML 185Page - Renesas Technology Corp R8C/13 Datasheet HTML 186Page - Renesas Technology Corp R8C/13 Datasheet HTML 187Page - Renesas Technology Corp R8C/13 Datasheet HTML 188Page - Renesas Technology Corp R8C/13 Datasheet HTML 189Page - Renesas Technology Corp R8C/13 Datasheet HTML 190Page - Renesas Technology Corp R8C/13 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 224 page
background image
R8C/13 Group
Rev.1.20
Jan 27, 2006
page 176 of 205
REJ09B0111-0120
Figure 17.9 Program Command
• Program Command
This command writes data to the flash memory in one byte units.
Write ‘4016’ in the first bus cycle and write data to the write address in the second bus cycle, and an
auto program operation (data program and verify) will start. Make sure the address value specified in
the first bus cycle is the same address as the write address specified in the second bus cycle.
Check the FMR00 bit in the FMR0 register to see if auto programming has finished. The FMR00 bit
is “0” during auto programming and set to “1” when auto programming is completed.
Check the FMR06 bit in the FMR0 register after auto programming has finished, and the result of
auto programming can be known. (Refer to Section 17.4.5, “Full Status Check.”)
Writing over already programmed addresses is inhibited.
When the FMR02 bit in the FMR0 register is set to “0” (rewrite disabled), or the FMR02 bit is set to “1”
(rewrite enabled) and the FMR15 bit in the FMR1 register is set to “1” (rewrite disabled), the program
command on the Block0 is not accepted. When the FMR16 bit is set to “1” (rewrite disabled), the
program command on the Block1 is not accepted.
In EW1 mode, do not execute this command on any address at which the rewrite control program is
located.
In EW0 mode, the microcomputer goes to read status register mode at the same time auto program-
ming starts, making it possible to read the status register. The status register bit 7 (SR7) is set to “0”
at the same time auto programming starts, and set back to “1” when auto programming finishes. In
this case, the microcomputer remains in read status register mode until a read array command is
written next. The result of auto programming can be known by reading the status register after auto
programming has finished.
17.4 CPU Rewrite Mode
Start
Program
completed
YES
NO
Write the command code ‘4016’ to
the write address
Write data to the write address
FMR00=1?
Full status check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com