Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 181Page - Renesas Technology Corp R8C/13 Datasheet HTML 182Page - Renesas Technology Corp R8C/13 Datasheet HTML 183Page - Renesas Technology Corp R8C/13 Datasheet HTML 184Page - Renesas Technology Corp R8C/13 Datasheet HTML 185Page - Renesas Technology Corp R8C/13 Datasheet HTML 186Page - Renesas Technology Corp R8C/13 Datasheet HTML 187Page - Renesas Technology Corp R8C/13 Datasheet HTML 188Page - Renesas Technology Corp R8C/13 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 224 page
background image
R8C/13 Group
Rev.1.20
Jan 27, 2006
page 174 of 205
REJ09B0111-0120
Figure 17.8 Process to Reduce Power Consumption in On-Chip Oscillator Mode (Main Clock Stops)
Turn main clock on
Transfer a on-chip oscillator mode (main clock
stop) program to any area other the flash memory
Switch the clock source for CPU clock.
Turn XIN off
Jump to the on-chip oscillator mode (main clock
stop) program which has been transferred to any
area other the flash memory.
(The subsequent processing is executed by a
program in any area other than the flash memory.)
Wait until the flash memory circuit stabilizes
(15
µs)(3)
Set the FMSTP bit to “0” (flash memory operation)(4)
Set FMSTP bit to “1”
(flash memory stopped. Low power state)(1)
Process of on-chip oscillator mode (main
clock stop)
switch the clock source for CPU clock(2)
On-chip oscillator mode
(main clock stop) program
Write “0” to the FMR01 bit
(CPU rewrite mode disabled)
Set the FMR01 bit by writing “0” and then “1”
(CPU rewrite mode enabled)
Jump to a specified address in the flash memory
wait until oscillation stabilizes
NOTES:
1. Set the FMR01 bit to “1” (CPU rewrite mode) before setting the FMSTP bit to “1” .
2. Before the clock source for CPU clock can be changed, the clock to which to be changed must be stable.
3. Insert a 15 µs wait time in a program. Avoid accessing to the flash memory during this wait time.
4. Ensure 10 µs until setting “0” (flash memory operates) after setting the FMSTP bit to “1” (flash memory stops).
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com