Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 178Page - Renesas Technology Corp R8C/13 Datasheet HTML 179Page - Renesas Technology Corp R8C/13 Datasheet HTML 180Page - Renesas Technology Corp R8C/13 Datasheet HTML 181Page - Renesas Technology Corp R8C/13 Datasheet HTML 182Page - Renesas Technology Corp R8C/13 Datasheet HTML 183Page - Renesas Technology Corp R8C/13 Datasheet HTML 184Page - Renesas Technology Corp R8C/13 Datasheet HTML 185Page - Renesas Technology Corp R8C/13 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 224 page
background image
R8C/13 Group
Rev.1.20
Jan 27, 2006
page 171 of 205
REJ09B0111-0120
17.4 CPU Rewrite Mode
Flash memory control register 0
SymbolAddressAfter reset
FMR001B716
000000012
b7 b6 b5 b4 b3 b2 b1 b0
FMR00
Bit symbol
Bit nameFunctionRW
0: Busy (being written or erased)
1: Ready
CPU rewrite mode
select bit(1, 6)
0: Disable CPU rewrite mode
1: Enable CPU rewrite mode
FMR01
Block0 and 1 rewrite enable
bit(2, 6, 7)
0: Rewrite disabled
1: Rewrite enabled
Flash memory stop bit(3, 5, 6)
FMR02
FMSTP
0
RY/BY status flag
Reserved bit
Set to “0”
0: Terminated normally
1: Terminated in error
Program status flag(4)
FMR06
0: Terminated normally
1: Terminated in error
Erase status flag(4)
FMR07
RW
RW
RW
RW
RO
RO
RO
(b5-b4)
0: Enable flash memory operation
1: Stops flash memory operation
(placed in low power mode,
flash memory initialized)
NOTES:
1. To set this bit to “1”, write “0” and then “1” in succession. Make sure no interrupts will occur before
writing “1” after writing “0”.
Set the microcomputer in read array mode before writing “0” to this bit.
2. To set this bit to “1”, write “0” and then “1” in succession when the FMR01 bit = 1. Make sure no
interrupts will occur before writing “1” after writing “0”.
3. Write to this bit from a program in other than the flash memory.
4. This flag is set to “0” by executing the Clear Status command.
5. Effective when the FMR01 bit = 1 (CPU rewrite mode). If the FMR01 bit = 0, although the FMSTP bit
can be set to “1” by writing “1”, the flash memory is neither placed in low power mode nor initialized.
6. Use the bit process instruction to set the FMR01, FMR02 and FMSTP bits (Refer to “R8C/Tiny Series
Software Manual”.
7. When setting the FMR01 bit to “0” (disable CPU rewrite mode), the FMR02 bit is set to “0” (rewrite
disabled).
0
Figure 17.3 FMR0 Register
• FMR40 bit
The erase-suspend function is enabled by setting the FMR40 bit to “1” (valid).
• FMR41 bit
In EW0 mode, the flash module goes to erase-suspend mode when the FMR41 bit is set to
“1”. In EW1 mode, the FMR41 bit is automatically set to “1” (erase-suspend requested) when
an enabled interrupt occurred, and then the flash module goes to erase-suspend mode.
The auto-erase operation restarts when the FMR41 bit is set to “0” (erase restart).
• FMR46 bit
The FMR46 bit is set to “0”(disables reading) during auto-erase execution and set to “1”(en-
ables reading) during erase-suspend mode. Do not access to the flash memory when this bit
is set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com