Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 131Page - Renesas Technology Corp R8C/13 Datasheet HTML 132Page - Renesas Technology Corp R8C/13 Datasheet HTML 133Page - Renesas Technology Corp R8C/13 Datasheet HTML 134Page - Renesas Technology Corp R8C/13 Datasheet HTML 135Page - Renesas Technology Corp R8C/13 Datasheet HTML 136Page - Renesas Technology Corp R8C/13 Datasheet HTML 137Page - Renesas Technology Corp R8C/13 Datasheet HTML 138Page - Renesas Technology Corp R8C/13 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 124 of 205
REJ09B0111-0120
R8C/13 Group
14. A/D Converter
The A/D converter consists of one 10-bit successive approximation A/D converter circuit with a capacitive
coupling amplifier. The analog inputs share the pins with P00 to P07 and P10 to P13. Therefore, when
using these pins, make sure the corresponding port direction bits are set to “0” (input mode).
When not using the A/D converter, set the VCUT bit to “0” (Vref unconnected), so that no current will flow
from the VREF pin into the resistor ladder, helping to reduce the power consumption of the chip.
The result of A/D conversion is stored in the AD register.
Table 14.1 shows the performance of the A/D converter. Figure 14.1 shows a block diagram of the A/D
converter, and Figures 14.2 and 14.3 show the A/D converter-related registers.
Table 14.1 Performance of A/D converter
Item
Performance
Method of A/D conversion Successive approximation (capacitive coupling amplifier)
Analog input voltage(1)
0V to Vref
Operating clock
φAD(2)
AVCC = 5V fAD, divide-by-2 of fAD, divide-by-4 of fAD
AVCC = 3V divide-by-2 of fAD, divide-by-4 of fAD
Resolution
8-bit or 10-bit (selectable)
Integral nonlinearity error
AVcc = Vref = 5V
• 8-bit resolution ±2 LSB
• 10-bit resolution ±3 LSB
AVcc = Vref = 3.3 V
• 8-bit resolution ±2 LSB
• 10-bit resolution ±5 LSB
Operating modes
One-shot mode and repeat mode(3)
Analog input pins
12 pins (AN0 to AN11)
A/D conversion start condition ADST bit in ADCON0 register is set to “1” (A/D conversion starts)
Conversion speed per pin • Without sample and hold function
8-bit resolution: 49
φAD cycles, 10-bit resolution: 59 φAD cycles
• With sample and hold function
8-bit resolution: 28
φAD cycles, 10-bit resolution: 33 φAD cycles
NOTES:
1. Does not depend on use of sample and hold function.
2. The frequency of
φAD must be 10 MHz or less.
When AVcc is less than 4.2V,
φAD must be fAD/2 or less by dividing fAD.
Without sample and hold function, the
φAD frequency should be 250 kHz or more.
With the sample and hold function, the
φAD frequency should be 1 MHz or more.
3. In repeat mode, only 8-bit mode can be used.
14. A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com