Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 129Page - Renesas Technology Corp R8C/13 Datasheet HTML 130Page - Renesas Technology Corp R8C/13 Datasheet HTML 131Page - Renesas Technology Corp R8C/13 Datasheet HTML 132Page - Renesas Technology Corp R8C/13 Datasheet HTML 133Page - Renesas Technology Corp R8C/13 Datasheet HTML 134Page - Renesas Technology Corp R8C/13 Datasheet HTML 135Page - Renesas Technology Corp R8C/13 Datasheet HTML 136Page - Renesas Technology Corp R8C/13 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 122 of 205
REJ09B0111-0120
R8C/13 Group
13.2 Clock Asynchronous Serial I/O (UART) Mode
• Example of receive timing when transfer data is 8 bits long (parity disabled, one stop bit)
Figure 13.10 Receive Operation
UiBRG output
RxDi
Transfer clock
“1”
“0”
“0”
“1”
“0”
“1”
UiC1 register
RE bit
UiC1 register
RI bit
SiRIC register
IR bit
Start bit
Sampled “L”
Stop bit
Set to “0” when interrupt request is accepted, or set by a program
The above timing diagram applies to the case where the register bits are set as follows:
• UiMR register PRYE bit = 0 (parity disabled)
• UiMR register STPS bit = 0 (1 stop bit)
i = 0, 1
D0
D1
D7
Receive data taken in
Reception triggered when transfer clock
is generated by falling edge of start bit
Transferred from UARTi receive
register to UiRB register
13.2.1 TxD10/RxD1 Select Function (UART1)
P37 can be used as TxD10 output pin or RxD1 input pin by selecting with the TXD1EN bit in the UCON
register. P37 is used as TxD10 output pin if the TXD1EN bit is set to “1” (TxD10) and used as RxD1
input pin if set to “0” (RxD1).
13.2.2 TxD11 Select Function (UART1)
P00 can be used as TxD11 output pin or a port by selecting with the TXD1SEL bit in the UCON register.
P00 is used as TxD11 output pin if the TXD1SEL bit is set to “1” (TxD11) and used as an I/O port if set
to “0” (P00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com