| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1206 Page - Renesas Technology Corp |
|
1206 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1174 of 1468 REJ09B0412-0200 25.12 Programmer Mode Along with its on-board programming mode, this LSI also has a programmer mode as a further mode for the writing and erasing of programs and data. In programmer mode, a general-purpose PROM programmer that supports the device types shown in table 25.15 can be used to write programs to the on-chip ROM without any limitation. Table 25.15 Device Types Supported in Programmer Mode Target Memory MAT Product Classification ROM Size Device Type H8SX/1663 384 Kbytes FZTAT512V3A H8SX/1664 512 Kbytes FZTAT1024V3A User MAT H8SX/1668 1 Mbyte FZTAT1024V3A H8SX/1663 H8SX/1664 User boot MAT H8SX/1668 16 Kbytes FZTATUSBT16V3A 25.13 Standard Serial Communications Interface Specifications for Boot Mode The boot program initiated in boot mode performs serial communications using the host and on- chip SCI_4. The serial communications interface specifications are shown below. The boot program has three states. 1. Bit-rate-adjustment state In this state, the boot program adjusts the bit rate to achieve serial communications with the host. Initiating boot mode enables starting of the boot program and entry to the bit-rate- adjustment state. The program receives the command from the host to adjust the bit rate. After adjusting the bit rate, the program enters the inquiry/selection state. 2. Inquiry/selection state In this state, the boot program responds to inquiry commands from the host. The device name, clock mode, and bit rate are selected. After selection of these settings, the program is made to enter the programming/erasing state by the command for a transition to the programming/erasing state. The program transfers the libraries required for erasure to the on- chip RAM and erases the user MATs and user boot MATs before the transition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |