| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 93 Page - Renesas Technology Corp |
|
93 / 1504 page ![]() Section 2 CPU Rev. 2.00 Sep. 24, 2008 Page 61 of 1468 REJ09B0412-0200 Table 2.7 Logic Operation Instructions Instruction Size Function AND B/W/L (EAd) ∧ #IMM → (EAd), (EAd) ∧ (EAs) → (EAd) Performs a logical AND operation on data between immediate data, general registers, and memory. OR B/W/L (EAd) ∨ #IMM → (EAd), (EAd) ∨ (EAs) → (EAd) Performs a logical OR operation on data between immediate data, general registers, and memory. XOR B/W/L (EAd) ⊕ #IMM → (EAd), (EAd) ⊕ (EAs) → (EAd) Performs a logical exclusive OR operation on data between immediate data, general registers, and memory. NOT B/W/L ∼ (EAd) → (EAd) Takes the one's complement of the contents of a general register or a memory location. Table 2.8 Shift Operation Instructions Instruction Size Function SHLL SHLR B/W/L (EAd) (shift) → (EAd) Performs a logical shift on the contents of a general register or a memory location. The contents of a general register or a memory location can be shifted by 1, 2, 4, 8, or 16 bits. The contents of a general register can be shifted by any bits. In this case, the number of bits is specified by 5-bit immediate data or the lower 5 bits of the contents of a general register. SHAL SHAR B/W/L (EAd) (shift) → (EAd) Performs an arithmetic shift on the contents of a general register or a memory location. 1-bit or 2-bit shift is possible. ROTL ROTR B/W/L (EAd) (rotate) → (EAd) Rotates the contents of a general register or a memory location. 1-bit or 2-bit rotation is possible. ROTXL ROTXR B/W/L (EAd) (rotate) → (EAd) Rotates the contents of a general register or a memory location with the carry bit. 1-bit or 2-bit rotation is possible. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |