| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 60 Page - Renesas Technology Corp |
|
60 / 1504 page ![]() Section 1 Overview Rev. 2.00 Sep. 24, 2008 Page 28 of 1468 REJ09B0412-0200 Classification Pin Name I/O Description TIOCA5 TIOCB5 Input/ output Signals for TGRA_5 and TGRB_5. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TCLKE TCLKF TCLKG TCLKH Input Input pins for external clock signals. TIOCA6 TIOCB6 TIOCC6 TIOCD6 Input/ output Signals for TGRA_6 to TGRD_6. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA7 TIOCB7 Input/ output Signals for TGRA_7 and TGRB_7. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA8 TIOCB8 Input/ output Signals for TGRA_8 and TGRB_8. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA9 TIOCB9 TIOCC9 TIOCD9 Input/ output Signals for TGRA_9 to TGRD_9. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA10 TIOCB10 Input/ output Signals for TGRA_10 and TGRB_10. These pins are used as input capture inputs, output compare outputs, or PWM outputs. 16-bit timer pulse unit (TPU) TIOCA11 TIOCB11 Input/ output Signals for TGRA_11 and TGRB_11. These pins are used as input capture inputs, output compare outputs, or PWM outputs. Programmable pulse generator (PPG) PO31 to PO0 Output Output pins for the pulse signals. TMO0 to TMO3 Output Output pins for the compare match signals. TMCI0 to TMCI3 Input Input pins for the external clock signals that drive for the counters. 8-bit timer (TMR) TMRI0 to TMRI3 Input Input pins for the counter-reset signals. Watchdog timer (WDT) WDTOVF Output Output pin for the counter-overflow signal in watchdog-timer mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |