| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 92 Page - Renesas Technology Corp |
|
92 / 1504 page ![]() Section 2 CPU Rev. 2.00 Sep. 24, 2008 Page 60 of 1468 REJ09B0412-0200 Instruction Size Function DIVU W/L Rd ÷ Rs → Rd Performs unsigned division on data in two general registers: either 16 bits ÷ 16 bits → 16-bit quotient, or 32 bits ÷ 32 bits → 32-bit quotient. DIVXS B/W Rd ÷ Rs → Rd Performs signed division on data in two general registers: either 16 bits ÷ 8 bits → 8-bit quotient and 8-bit remainder, or 32 bits ÷ 16 bits → 16-bit quotient and 16-bit remainder. DIVS W/L Rd ÷ Rs → Rd Performs signed division on data in two general registers: either 16 bits ÷ 16 bits → 16-bit quotient, or 32 bits ÷ 32 bits → 32-bit quotient. CMP B/W/L (EAd) − #IMM, (EAd) − (EAs) Compares data between immediate data, general registers, and memory and stores the result in CCR. NEG B/W/L 0 − (EAd) → (EAd) Takes the two's complement (arithmetic complement) of data in a general register or the contents of a memory location. EXTU W/L (EAd) (zero extension) → (EAd) Performs zero-extension on the lower 8 or 16 bits of data in a general register or memory to word or longword size. The lower 8 bits to word or longword, or the lower 16 bits to longword can be zero-extended. EXTS W/L (EAd) (sign extension) → (EAd) Performs sign-extension on the lower 8 or 16 bits of data in a general register or memory to word or longword size. The lower 8 bits to word or longword, or the lower 16 bits to longword can be sign-extended. TAS B @ERd − 0, 1 → (<bit 7> of @EAd) Tests memory contents, and sets the most significant bit (bit 7) to 1. MAC* — (EAs) × (EAd) + MAC → MAC Performs signed multiplication on memory contents and adds the result to MAC. CLRMAC* — 0 → MAC Clears MAC to zero. LDMAC* — Rs → MAC Loads data from a general register to MAC. STMAC* — MAC → Rd Stores data from MAC to a general register. Note: * Only when the multiplier is available. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |