| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 56 Page - Renesas Technology Corp |
|
56 / 1504 page ![]() Section 1 Overview Rev. 2.00 Sep. 24, 2008 Page 24 of 1468 REJ09B0412-0200 Classification Pin Name I/O Description Address bus A23 to A0 Output Output pins for the address bits. Data bus D15 to D0 Input/ output Input and output for the bidirectional data bus. These pins also output addresses when accessing an address–data multiplexed I/O interface space. BREQ Input External bus-master modules assert this signal to request the bus. BREQO Output Internal bus-master modules assert this signal to request access to the external space via the bus in the external bus released state. BACK Output Bus acknowledge signal, which indicates that the bus has been released. BS-A/BS-B Output Indicates the start of a bus cycle. AS Output Strobe signal which indicates that the output address on the address bus is valid in access to the basic bus interface or byte control SRAM interface space. AH Output This signal is used to hold the address when accessing the address-data multiplexed I/O interface space. RD Output Strobe signal which indicates that reading from the basic bus interface space is in progress. RD/ WR-A/RD/WR-B Output Indicates the direction (input or output) of the data bus. LHWR Output Strobe signal which indicates that the higher-order byte (D15 to D8) is valid in access to the basic bus interface space. LLWR Output Strobe signal which indicates that the lower-order byte (D7 to D0) is valid in access to the basic bus interface space. LUB Output Strobe signal which indicates that the higher-order byte (D15 to D8) is valid in access to the byte control SRAM interface space. Bus control LLB Output Strobe signal which indicates that the lower-order byte (D7 to D0) is valid in access to the byte control SRAM interface space. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |