| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 91 Page - Renesas Technology Corp |
|
91 / 1504 page ![]() Section 2 CPU Rev. 2.00 Sep. 24, 2008 Page 59 of 1468 REJ09B0412-0200 Table 2.6 Arithmetic Operation Instructions Instruction Size Function ADD SUB B/W/L (EAd) ± #IMM → (EAd), (EAd) ± (EAs) → (EAd) Performs addition or subtraction on data between immediate data, general registers, and memory. Immediate byte data cannot be subtracted from byte data in a general register. ADDX SUBX B/W/L (EAd) ± #IMM ± C → (EAd), (EAd) ± (EAs) ± C → (EAd) Performs addition or subtraction with carry on data between immediate data, general registers, and memory. The addressing mode which specifies a memory location can be specified as register indirect with post-decrement or register indirect. INC DEC B/W/L Rd ± 1 → Rd, Rd ± 2 → Rd Increments or decrements a general register by 1 or 2. (Byte operands can be incremented or decremented by 1 only.) ADDS SUBS L Rd ± 1 → Rd, Rd ± 2 → Rd, Rd ± 4 → Rd Adds or subtracts the value 1, 2, or 4 to or from data in a general register. DAA DAS B Rd (decimal adjust) → Rd Decimal-adjusts an addition or subtraction result in a general register by referring to the CCR to produce 2-digit 4-bit BCD data. MULXU B/W Rd × Rs → Rd Performs unsigned multiplication on data in two general registers: either 8 bits × 8 bits → 16 bits, or 16 bits × 16 bits → 32 bits. MULU W/L Rd × Rs → Rd Performs unsigned multiplication on data in two general registers: either 8 bits × 8 bits → 16 bits, or 16 bits × 16 bits → 32 bits. MULU/U* L Rd × Rs → Rd Performs unsigned multiplication on data in two general registers (32 bits × 32 bits → upper 32 bits). MULXS B/W Rd × Rs → Rd Performs signed multiplication on data in two general registers: either 8 bits × 8 bits → 16 bits, or 16 bits × 16 bits → 32 bits. MULS W/L Rd × Rs → Rd Performs signed multiplication on data in two general registers: either 16 bits × 16 bits → 16 bits, or 32 bits × 32 bits → 32 bits. MULS/U* L Rd × Rs → Rd Performs signed multiplication on data in two general registers (32 bits × 32 bits → upper 32 bits). DIVXU B/W Rd ÷ Rs → Rd Performs unsigned division on data in two general registers: either 16 bits ÷ 8 bits → 8-bit quotient and 8-bit remainder, or 32 bits ÷ 16 bits → 16-bit quotient and 16-bit remainder. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |