| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1208 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1208 Page - Renesas Technology Corp |
|
1208 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1176 of 1468 REJ09B0412-0200 (1) Bit-Rate-Adjustment State The bit rate is calculated by measuring the period of transfer of a low-level byte (H'00) from the host. The bit rate can be changed by the command for a new bit rate selection. After the bit rate has been adjusted, the boot program enters the inquiry and selection state. The bit-rate-adjustment sequence is shown in figure 25.24. Host Boot program H'00 (30 times maximum) H'E6 (boot response) Measuring the 1-bit length H'00 (completion of adjustment) H'55 (H'FF (error)) Figure 25.24 Bit-Rate-Adjustment Sequence (2) Communications Protocol After adjustment of the bit rate, the protocol for serial communications between the host and the boot program is as shown below. 1. One-byte commands and one-byte responses These one-byte commands and one-byte responses consist of the inquiries and the ACK for successful completion. 2. n-byte commands or n-byte responses These commands and responses are comprised of n bytes of data. These are selections and responses to inquiries. The program data size is not included under this heading because it is determined in another command. 3. Error response The error response is a response to inquiries. It consists of an error response and an error code and comes two bytes. 4. Programming of 128 bytes The size is not specified in commands. The size of n is indicated in response to the programming unit inquiry. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |