Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1204 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1204 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1200Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1201Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1202Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1203Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1204Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1205Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1206Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1207Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1204 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1172 of 1468
REJ09B0412-0200
Figure 25.21 shows an example of the procedure to program the tuned data in block EB0 of the
user MAT.
Flash memory
user MAT
EB8 to EB15*1
Notes:
1.
EB8 to EB13 in the H8SX/1663.
EB8 to EB23 in the H8SX/1668.
2.
H'05FFFF in the H8SX/1663.
H'0FFFFF in the H8SX/1668.
Download area
Tuned data area
Area for programming/
erasing program etc.
H'00000
H'01000
H'02000
H'03000
H'04000
H'05000
H'06000
H'07000
H'08000
H'7FFFF*2
Specified by FTDAR
H'FFA000
H'FFB000
H'FFAFFF
H'FFBFFF
EB0
EB1
EB2
EB3
EB4
EB5
EB6
EB7
(1) Exit RAM emulation mode.
(2) Transfer user-created programming/erasing procedure program.
(3) Download the on-chip programming/erasing program to the area
specified by FTDAR. FTDAR setting should avoid the tuned data area.
(4) Program after erasing, if necessary.
Figure 25.21 Programming Tuned Data (H8SX/1664)
1. After tuning program data is completed, clear the RAMS bit in RAMER to 0 to cancel the
overlaid RAM.
2. Transfer the user-created procedure program to the on-chip RAM.
3. Start the procedure program and download the on-chip program to the on-chip RAM. The start
address of the download destination should be specified by FTDAR so that the tuned data area
does not overlay the download area.
4. When block EB0 of the user MAT has not been erased, the programming program must be
downloaded after block EB0 is erased. Specify the tuned data saved in the FMPAR and
FMPDR parameters and then execute programming.
Note:
Setting the RAMS bit to 1 makes all the blocks of the user MAT enter the
programming/erasing protection state (emulation protection state) regardless of the setting
of the RAM2 to RAM0 bits. Under this condition, the on-chip program cannot be
downloaded. When data is to be actually programmed and erased, clear the RAMS bit
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com