Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1201 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1201 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1197Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1198Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1199Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1200Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1201Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1202Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1203Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1204Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1201 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1169 of 1468
REJ09B0412-0200
Error protection is canceled by a reset. Note that the reset should be released after the reset input
period of at least 100
µs has passed. Since high voltages are applied during programming/erasure
of the flash memory, some voltage may remain after the error protection state has been entered.
For this reason, it is necessary to reduce the risk of damaging the flash memory by extending the
reset input period so that the charge is released.
The state-transition diagram in figure 25.18 shows transitions to and from the error protection
state.
Reset
(hardware protection)
Programming/erasing
mode
Error-protection mode
Error-protection mode
(software standby)
Read disabled
Programming/erasing enabled
FLER = 0
Read disabled
Programming/erasing disabled
FLER = 0
Read enabled
Programming/erasing disabled
FLER = 1
Read disabled
Programming/erasing disabled
FLER = 1
RES = 0
Error occurrence
Error
occurred
(Software
standby)
RES
= 0
Software standby mode
Cancel
software standby mode
RES = 0
Programming/erasing interface
register is in its initial state.
Programming/erasing interface
register is in its initial state.
Figure 25.18 Transitions to Error Protection State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com