Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1203 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1203 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1199Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1200Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1201Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1202Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1203Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1204Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1205Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1206Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1203 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1171 of 1468
REJ09B0412-0200
Figure 25.20 shows an example of overlaying flash memory block area EB0.
This area can be accessed via
both the on-chip RAM and flash
memory area.
Flash memory
user MAT
EB8 to EB15*1
On-chip RAM
H'00000
H'01000
H'02000
H'03000
H'04000
H'05000
H'06000
H'07000
H'08000
Notes:
1.
EB8 to EB13 in the H8SX/1663.
EB8 to EB23 in the H8SX/1668.
2.
H'05FFFF in the H8SX/1663.
H'0FFFFF in the H8SX/1668.
H'7FFFF*2
H'FF6000
H'FFA000
H'FFAFFF
H'FFBFFF
EB0
EB1
EB2
EB3
EB4
EB5
EB6
EB7
Figure 25.20 Address Map of Overlaid RAM Area (H8SX/1664)
The flash memory area that can be emulated is the one area selected by bits RAM2 to RAM0 in
RAMER from among the eight blocks, EB0 to EB7, of the user MAT.
To overlay a part of the on-chip RAM with block EB0 for realtime emulation, set the RAMS bit in
RAMER to 1 and bits RAM2 to RAM0 to B'000.
For programming/erasing the user MAT, the procedure programs including a download program
of the on-chip program must be executed. At this time, the download area should be specified so
that the overlaid RAM area is not overwritten by downloading the on-chip program. Since the area
in which the tuned data is stored is overlaid with the download area when FTDAR = H'01, the
tuned data must be saved in an unused area beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com