| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1210 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1210 Page - Renesas Technology Corp |
|
1210 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1178 of 1468 REJ09B0412-0200 (3) Inquiry and Selection States The boot program returns information from the flash memory in response to the host's inquiry commands and sets the device code, clock mode, and bit rate in response to the host's selection command. Table 25.16 lists the inquiry and selection commands. Table 25.16 Inquiry and Selection Commands Command Command Name Description H'20 Supported device inquiry Inquiry regarding device codes H'10 Device selection Selection of device code H'21 Clock mode inquiry Inquiry regarding numbers of clock modes and values of each mode H'11 Clock mode selection Indication of the selected clock mode H'22 Multiplication ratio inquiry Inquiry regarding the number of frequency- multiplied clock types, the number of multiplication ratios, and the values of each multiple H'23 Operating clock frequency inquiry Inquiry regarding the maximum and minimum values of the main clock and peripheral clocks H'24 User boot MAT information inquiry Inquiry regarding the number of user boot MATs and the start and last addresses of each MAT H'25 User MAT information inquiry Inquiry regarding the a number of user MATs and the start and last addresses of each MAT H'26 Block for erasing information Inquiry Inquiry regarding the number of blocks and the start and last addresses of each block H'27 Programming unit inquiry Inquiry regarding the unit of program data H'3F New bit rate selection Selection of new bit rate H'40 Transition to programming/erasing state Erasing of user MAT and user boot MAT, and entry to programming/erasing state H'4F Boot program status inquiry Inquiry into the operated status of the boot program |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |