| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1041 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1041 Page - Renesas Technology Corp |
|
1041 / 1504 page ![]() Section 20 USB Function Module (USB) Rev. 2.00 Sep. 24, 2008 Page 1009 of 1468 REJ09B0412-0200 (4) Transition from Suspend State to Deep Software Standby Mode and Canceling Deep Software Standby Mode If the USB bus enters from the suspend state to deep software standby mode, perform the operation as shown in figure 20.8. When canceling deep software standby mode, ensure enough time for the system clock oscillation to be settled. Transition from suspend state to deep software standby mode (1) (2) (3) (4) (5) (6) (7) Detect that USB bus is in suspend state Set SURSF in IFR2 to 1 USBINTN interrupt Clear SURSF in IFR2 to 0 Check if SURSS in IFR2 is set to 1 Clear SURSE in IER2 to 0 Clear SSRSME in IER2 to 0* Clear DUSBIF in DPSIFR to 0 Set DUSBIE in DPSIER to 1 Shift to deep software standby mode (execute SLEEP instruction) Stop all clocks of LSI Canceling deep software standby mode Detect that USB bus is in resume state RESUME interrupt Cancel deep software standby mode Wait for system clock oscillation to be settled Clear SURSF in IFR2 to 0 Check if SURSS in IFR2 is cleared to 0 USB communications can be resumed through USB registers Denotation of figures : Operation by firmware setting : Automatic operation by LSI hardware (8) (9) (10) (13) (14) (11) (12) Set SURSE in IER2 to 1 Set SSRSME in IER2 to 0 Clear DUSBIF in DPSIFR to 0 Clear DUSBIE in DPSIER to 0 Execute reset sequence Cancel module stop Note: * When the USB enters deep software standby mode, the sources to cancel software standby mode may be conflicted. In this figure, the operation to cancel software standby mode is not performed. For details, see section 28.12, Usage Notes. Figure 20.8 Flow of Transition to and Canceling Deep Software Standby Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |