Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1038 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1038 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1034Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1035Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1036Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1037Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1038Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1039Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1040Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1041Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1042Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1038 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1006 of 1468
REJ09B0412-0200
USB cable connected
USB bus in suspend state
Resume interrupts is
requested from the
up-stream.
Suspend/resume
interrupt occurs.
(IFR2/SURSF = 1)
RESUME
Start USB operating
clock oscillation
USB function
Application
Cancel software
standby mode
Clear SURSF in IFR2 to 0
Set SURSE in IER2 to 1
Clear SSRSME in IER2 to 0
Check if SURSS in IFR2 is
cleared to 0
Software standby
mode ?
USB module
stopped?
Oscillation stabilization
time has passed?
No
No
No
Yes
Yes
Yes
Cancel USB module stop
Return to normal state
Deep software
standby mode ?
No
Oscillation stabilization
time has passed?
Cancel deep software
standby mode
Yes
Yes
No
Cancel USB module stop
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2 is
cleared to 0
Set SURSE in IER2 to 1
Clear SSRSME in IER2 to 0
Clear DUSBIF in
DPSIFR to 0
Clear DUSBIE in
DPSIER to 0
USB communications
can be resumed
Execute reset
exception handling
Note:
*
For details, see section 28.8, Deep Software Standby Mode.
*
Figure 20.5 Resume Operation from Up-Stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com