| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1039 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1039 Page - Renesas Technology Corp |
|
1039 / 1504 page ![]() Section 20 USB Function Module (USB) Rev. 2.00 Sep. 24, 2008 Page 1007 of 1468 REJ09B0412-0200 (3) Transition from Suspend State to Software Standby Mode and Canceling Software Standby Mode If the USB bus enters from the suspend state to software standby mode, perform the operation as shown in figure 20.6. When canceling software standby mode, ensure enough time for the system clock oscillation to be settled. Transition from suspend state to software standby mode (1) (2) (3) (4) (5) (6) (7) Detect that USB bus is in suspend state Set SURSF in IFR2 to 1 USBINTN interrupt Clear SURSF in IFR2 to 0 Check if SURSS in IFR2 is set to 1 Clear SURSE in IER2 to 0 Set SSRSME in IER2 to 1 Shift to software standby mode (execute SLEEP instruction) Stop all clocks of LSI Canceling software standby mode Detect that USB bus is in resume state RESUME interrupt Cancel software standby mode Wait for system clock oscillation to be settled Clear SURSF in IFR2 to 0 Check if SURSS in IFR2 is cleared to 0 Set SURSE in IER2 to 1 Clear SSRSME in IER2 to 0 USB communications can be resumed through USB registers Denotation of figures : Operation by firmware setting : Automatic operation by LSI hardware (8) (9) (10) (11) (12) Figure 20.6 Flow of Transition to and Canceling Software Standby Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |