Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1043 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1043 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1039Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1040Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1041Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1042Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1043Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1044Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1045Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1046Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1047Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1043 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1011 of 1468
REJ09B0412-0200
(5)
Remote-Wakeup Operation
If the USB bus enters the non-suspend (resume) state from the suspend state by the remote-
wakeup signal output from this function, perform the operation as shown in figure 20.10.
USB cable connected
USB bus in suspend state
Cancel software
standby mode
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2 is
cleared to 0
Software standby
mode ?
USB module
stopped?
Oscillation
stabilization time
has passed?
No
No
No
Yes
Yes
Yes
Start USB operating
clock oscillation
Cancel USB module stop
Remote wakeup execution
(CTLR/RSME= 1)
Return to normal state
Yes
No
Bus wakeup source
generated
Remote
wakeup enabled?
(CTLR/RWUPS = 1?)
Wait for resume
from up-stream
Resume output signal
Suspend/resume
interrupt occurs.
(IFR2/SURSF = 1)
RESUME
USB function
Application
Figure 20.10 Remote-Wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com