Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1045 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1045 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1041Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1042Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1043Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1044Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1045Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1046Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1047Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1048Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1049Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1045 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1013 of 1468
REJ09B0412-0200
(1)
Setup Stage
USB function
Application
SETUP token reception
Receive 8-byte command
data in EP0s
To data stage
Set setup command
reception complete flag
(IFR0.SETUP TS = 1)
Automatic
processing by
this module
Clear SETUP TS flag
(IFR0.SETUP TS = 0)
Clear EP0i FIFO (FCLR.EP0iCLR = 1)
Clear EP0o FIFO (FCLR.EP0oCLR = 1)
Read 8-byte data from EP0s
Decode command data
Determine data stage direction*1
Write 1 to EP0s read complete bit
(TRG.EP0s RDFN = 1)
To control-in
data stage
To control-out
data stage
Command
to be processed by
application?
Interrupt request
Yes
No
Notes: 1. In the setup stage, the application analyzes command data from the host requiring processing by
the application, and determines the subsequent processing (for example, data stage direction, etc.).
2. When the transfer direction is control-out, the EP0i transfer request interrupt required in the status
stage should be enabled here. When the transfer direction is control-in, this interrupt is not required
and should be disabled.
*2
Figure 20.12 Setup Stage Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com