Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 640 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 640 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 636Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 637Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 638Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 639Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 640Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 641Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 642Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 643Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 644Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 608 of 1468
REJ09B0412-0200
Port
Pin State
Reset
Hardware
Standby Mode
Software
Standby Mode
Other
Operation
Port K
Peripheral module output
OFF
OFF
OFF
OFF
Port output
OFF
OFF
OFF
OFF
Port input
OFF
OFF
ON/OFF
ON/OFF
[Legend]
OFF:
The input pull-up MOS is always off.
ON/OFF:
If PCR is set to 1, the input pull-up MOS is on; if PCR is cleared to 0, the input pull-up
MOS is off.
13.1.6
Open-Drain Control Register (PnODR) (n = 2 and F)
ODR is an 8-bit readable/writable register that selects the open-drain output function.
If a bit in ODR is set to 1, the pin corresponding to that bit in ODR functions as an NMOS open-
drain output. If a bit in ODR is cleared to 0, the pin corresponding to that bit in ODR functions as
a CMOS output.
The initial value of ODR is H'00.
Bit
Bit Name
Initial Value
R/W
7
Pn7ODR
0
R/W
6
Pn6ODR
0
R/W
5
Pn5ODR
0
R/W
4
Pn4ODR
0
R/W
3
Pn3ODR
0
R/W
2
Pn2ODR
0
R/W
1
Pn1ODR
0
R/W
0
Pn0ODR
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com