| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 636 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 636 Page - Renesas Technology Corp |
|
636 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 604 of 1468 REJ09B0412-0200 13.1.1 Data Direction Register (PnDDR) (n = 1, 2, 3, 6, A to F, H to K, and M) DDR is an 8-bit write-only register that specifies the port input or output for each bit. A read from the DDR is invalid and DDR is always read as an undefined value. When the general I/O port function is selected, the corresponding pin functions as an output port by setting the corresponding DDR bit to 1; the corresponding pin functions as an input port by clearing the corresponding DDR bit to 0. The initial DDR values are shown in table 13.3. Bit Bit Name Initial Value R/W Notes: The lower six bits are valid and the upper two bits are reserved for port 6 registers. The lower five bits are valid and the upper three bits are reserved for port M registers. Bits 2 and 3 are valid and the other bits are reserved for port C registers. Registers of ports J and K cannot be accessed when PCJKE = 0. Registers of ports D and E cannot be accessed when PCJKE = 1. 7 Pn7DDR 0 W 6 Pn6DDR 0 W 5 Pn5DDR 0 W 4 Pn4DDR 0 W 3 Pn3DDR 0 W 2 Pn2DDR 0 W 1 Pn1DDR 0 W 0 Pn0DDR 0 W Table 13.3 Startup Mode and Initial Value Startup Mode Port External Extended Mode Single-Chip Mode Port A H'80 H'00 Other ports H'00 H'00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |