| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 637 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 637 Page - Renesas Technology Corp |
|
637 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 605 of 1468 REJ09B0412-0200 13.1.2 Data Register (PnDR) (n = 1, 2, 3, 6, A to F, H to K, and M) DR is an 8-bit readable/writable register that stores the output data of the pins to be used as the general output port. The initial value of DR is H'00. Notes: The lower six bits are valid and the upper two bits are reserved for port 6 registers. The lower five bits are valid and the upper three bits are reserved for port M registers. Bits 2 and 3 are valid and the other bits are reserved for port C registers. Registers of ports J and K cannot be accessed when PCJKE = 0. Registers of ports D and E cannot be accessed when PCJKE =1. Bit Bit Name Initial Value R/W 7 Pn7DR 0 R/W 6 Pn6DR 0 R/W 5 Pn5DR 0 R/W 4 Pn4DR 0 R/W 3 Pn3DR 0 R/W 2 Pn2DR 0 R/W 1 Pn1DR 0 R/W 0 Pn0DR 0 R/W 13.1.3 Port Register (PORTn) (n = 1, 2, 3, 5, 6, A to F, H to K, and M) PORT is an 8-bit read-only register that reflects the port pin state. A write to PORT is invalid. When PORT is read, the DR bits that correspond to the respective DDR bits set to 1 are read and the status of each pin whose corresponding DDR bit is cleared to 0 is also read regardless of the ICR value. The initial value of PORT is undefined and is determined based on the port pin state. Notes: The lower six bits are valid and the upper two bits are reserved for port 6 registers. The lower five bits are valid and the upper three bits are reserved for port M registers. Bits 2 and 3 are valid and the other bits are reserved for port C registers. Registers of ports J and K cannot be accessed when PCJKE = 0. Registers of ports D and E cannot be accessed when PCJKE = 1. Bit Bit Name Initial Value R/W 7 Pn7 Undefined R 6 Pn6 Undefined R 5 Pn5 Undefined R 4 Pn4 Undefined R 3 Pn3 Undefined R 2 Pn2 Undefined R 1 Pn1 Undefined R 0 Pn0 Undefined R |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |