Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 641 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 641 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 637Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 638Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 639Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 640Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 641Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 642Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 643Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 644Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 609 of 1468
REJ09B0412-0200
13.2
Output Buffer Control
This section describes the output priority of each pin.
The name of each peripheral module pin is followed by "_OE". This (for example: TIOCA4_OE)
indicates whether the output of the corresponding function is valid (1) or if another setting is
specified (0). Table 13.5 lists each port output signal's valid setting. For details on the
corresponding output signals, see the register description of each peripheral module. If the name
of each peripheral module pin is followed by A or B, the pin function can be modified by the port
function control register (PFCR). For details, see section 13.3, Port Function Controller.
For a pin whose initial value changes according to the activation mode, "initial value E" indicates
the initial value when the LSI is started up in external extended mode and "initial value S"
indicates the initial value when the LSI is started in single-chip mode.
13.2.1
Port 1
(1)
P17/
IRQ7-A/TCLKD-B/SCL0/EDRAK1 /ADTRG1
The pin function is switched as shown below according to the combination of the EXDMAC and
IIC2 register settings and P17DDR bit setting.
Setting
EXDMAC
IIC2
I/O Port
Module Name
Pin Function
EDRAK1_OE
SCL0_OE
P17DDR
EXDMAC
EDRAK1 output
1
IIC2
SCL0 input/output
0
1
I/O port
P17 output
0
0
1
P17 input
(initial value)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com