| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 638 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 638 Page - Renesas Technology Corp |
|
638 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 606 of 1468 REJ09B0412-0200 13.1.4 Input Buffer Control Register (PnICR) (n = 1, 2, 3, 5, 6, A to F, H to K, and M) ICR is an 8-bit readable/writable register that controls the port input buffers. For bits in ICR set to 1, the input buffers of the corresponding pins are valid. For bits in ICR cleared to 0, the input buffers of the corresponding pins are invalid and the input signals are fixed high. When the pin functions as an input for the peripheral modules, the corresponding bits should be set to 1. The initial value should be written to a bit whose corresponding pin is not used as an input or is used as an analog input/output pin. When PORT is read, the pin state is always read regardless of the ICR value. When the ICR value is cleared to 0 at this time, the read pin state is not reflected in a corresponding on-chip peripheral module. If ICR is modified, an internal edge may occur depending on the pin state. Accordingly, ICR should be modified when the corresponding input pins are not used. For example, an IRQ input, modify ICR while the corresponding interrupt is disabled, clear the IRQF flag in ISR of the interrupt controller to 0, and then enable the corresponding interrupt. If an edge occurs after the ICR setting, the edge should be cancelled. The initial value of ICR is H'00. Notes: The lower six bits are valid and the upper two bits are reserved for port 6 registers. The lower five bits are valid and the upper three bits are reserved for port M registers. Bits 2 and 3 are valid and the other bits are reserved for port C registers. Registers of ports J and K cannot be accessed when PCJKE = 0. Registers of ports D and E cannot be accessed when PCJKE = 1. Bit Bit Name Initial Value R/W 7 Pn7ICR 0 R/W 6 Pn6ICR 0 R/W 5 Pn5ICR 0 R/W 4 Pn4ICR 0 R/W 3 Pn3ICR 0 R/W 2 Pn2ICR 0 R/W 1 Pn1ICR 0 R/W 0 Pn0ICR 0 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |