Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 309Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 310Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 311Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 312Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 313Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 314Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 315Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 316Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 261 of 1102
REJ09B0294-0100
6.11.7
Controlling Row Address Output Cycle
When the time between the ACTV command and the subsequent READ or WRIT command does
not meet a given specification, the Trw cycle in which the NOP command is output can be
inserted for one to three cycles between the Tr cycle in which the ACTV command is output and
the Tc1 cycle in which the column address is output. Set the bit according to the SDRAM to be
used and the frequency of this LSI so that the number of wait cycles can be optimal.
Figures 6.63 and 6.64 show a timing example when the one Trw cycle is inserted.
T
p
T
r
T
rw
T
c1
T
cl
T
c2
Address bus
Row address
Column address
SD
φ
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
ACTV
READ
NOP
NOP
DQMLU
DQMLL
D7 to D0
BS
RD/
WR
D15 to D8
Row
address
High
Figure 6.63 Read Timing Example of Row Address Output Retained for 1 Clock Cycle
(RCD1 = 0, RCD0 = 1, CAS Latency = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com