Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 304Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 305Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 306Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 307Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 308Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 309Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 310Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 311Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 256 of 1102
REJ09B0294-0100
6.11.4
I/O Pins Used for DRAM Interface
Table 6.26 shows the pins used for the SDRAM interface.
Since a
CS pin functions as an input after a reset, set the bit in PFCR to 1 to output the CS signal.
For details, see section 9, I/O Ports.
To enable the SDRAM interface, select the appropriate MCU operating mode. For details, see
section 3, MCU Operating Modes.
Table 6.26
I/O Pins for SDRAM Interface
Pin
DRAM
Selected
Name
I/O
Function
RAS
RAS
Row address
strobe
Output
Row address strobe when the SDRAM
space is specified as area 2
CAS
CAS
Column address
strobe
Output
Column address strobe when the
SDRAM space is specified as area 2
WE
WE
Write enable
Output
Write enable signal for accessing the
SDRAM interface
OE/CKE
CKE
Clock enable
Output
Clock enable signal when the SDRAM
space is specified as area 2.
LLCAS/
DQMLU
DQMLU
Lower-upper data
mask enable
Output
Upper data mask enable when the 16-
bit SDRAM space is accessed
LLCAS/
DQMLL
DQMLL
Lower-lower data
mask enable
Output
• Lower data mask enable when the
16-bit SDRAM space is accessed
• Data mask enable when the 8-bit
SDRAM is accessed
A17 to A0
A17 to A0
Address pin
Output
Multiplexed row/column-address output
pin
D15 to D0
D15 to D0
Data pin
Input/
output
Data input/output pin
(PA7) PB7
SD
φ
Clock
Output
SDRAM clock
CS2
CS
Chip select
Output
Strobe signal indicating that SDRAM is
selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com