Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 297Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 298Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 299Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 300Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 301Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 302Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 303Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 304Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 249 of 1102
REJ09B0294-0100
(2) Self-Refresh Mode
Some DRAMs have a self-refresh mode (battery backup mode). The self-refresh mode is a kind of
standby mode and refresh timing and refresh address are controlled internally.
The self-refresh mode is selected by setting the RFSHE and SLFRF bits in REFCR to 1. The CAS
and RAS signals are output as shown in figure 6.56 by executing the SLEEP instruction. Then,
DRAM enters self-refresh mode.
When a CBR refresh is requested on a transition to the standby mode, the CBR refresh is first
performed and then the self-refresh mode is entered.
When the self-refresh mode is used, do not clear the OPE bit in SBYCR to 0.
For details, see section 23.2.1, Standby Control Register (SBYCR).
TRp
TRr
TRc3
B
φ
RAS
LUCAS
LLCAS
WE
BS
RD/
WR
High
Software
standby
TRc4
High
High
Figure 6.56 Self-Refresh Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com