Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 237Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 238Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 239Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 240Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 241Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 242Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 243Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 244Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 189 of 1102
REJ09B0294-0100
6.5.6
Endian and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and controls whether the upper byte data bus (D15 to D8)
or lower data bus (D7 to D0) is used according to the bus specifications for the area being
accessed (8-bit access space or 16-bit access space), the data size, and endian format when
accessing external address space.
(1) 8-Bit Access Space
With the 8-bit access space, the lower byte data bus (D7 to D0) is always used for access. The
amount of data that can be accessed at one time is one byte: a word access is performed as two
byte accesses, and a longword access, as four byte accesses.
Figures 6.11 and 6.12 illustrate data alignment control for the 8-bit access space. Figure 6.11
shows the data alignment when the data endian format is specified as big endian. Figure 6.12
shows the data alignment when the data endian format is specified as little endian.
Longword
Access
Address
Access
Count
23
7
15
8
0
7
Data
Size
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Word
1
1st
1st
2nd
1st
2nd
3rd
4th
2
4
Bus
Cycle
Data Size
Data bus
D15
D8 D7
D0
RD
7
15
31
8
0
24
16
0
LHWR/LUB
LLWR/LLB
Strobe signal
n
n
n
Figure 6.11 Access Sizes and Data Alignment Control for 8-Bit Access Space (Big Endian)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com