| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 199 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 199 Page - Renesas Technology Corp |
|
199 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 147 of 1102 REJ09B0294-0100 Bit Bit Name Initial Value R/W Description 12 IDLS0 1 R/W Idle Cycle Insertion 0 Inserts an idle cycle between the bus cycles when the external read cycle is followed by external write cycle. 0: No idle cycle is inserted 1: An idle cycle is inserted 11 10 IDLCB1 IDLCB0 1 1 R/W R/W Idle Cycle State Number Select B Specifies the number of idle cycles to be inserted for the idle condition specified by IDLS1 and IDLS0. 00: No idle cycle is inserted 01: 2 idle cycles are inserted 00: 3 idle cycles are inserted 01: 4 idle cycles are inserted 9 8 IDLCA1 IDLCA0 1 1 R/W R/W Idle Cycle State Number Select A Specifies the number of idle cycles to be inserted for the idle condition specified by IDLS3 to IDLS0. 00: 1 idle cycle is inserted 01: 2 idle cycles are inserted 10: 3 idle cycles are inserted 11: 4 idle cycles are inserted 7 6 5 4 3 2 1 0 IDLSEL7 IDLSEL6 IDLSEL5 IDLSEL4 IDLSEL3 IDLSEL2 IDLSEL1 IDLSEL0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Idle Cycle Number Select Specifies the number of idle cycles to be inserted for each area for the idle insertion condition specified by IDLS1 and IDLS0. 0: Number of idle cycles to be inserted for area n is specified by IDLCA1 and IDLCA0. 1: Number of idle cycles to be inserted for area n is specified by IDLCB1 and IDLCB0. (n = 7 to 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |