Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 174Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 175Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 176Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 177Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 178Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 179Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 180Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 181Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 126 of 1102
REJ09B0294-0100
The priority level which is automatically assigned when the IPSETE bit is 1 differs according to
the interrupt control mode.
In interrupt control mode 0, the I bit in CCR of the CPU is reflected in bit CPUP2. Bits CPUP1
and CPUP0 are fixed 0. In interrupt control mode 2, the values of bits I2 to I0 in EXR of the CPU
are reflected in bits CPUP2 to CPUP0.
Table 5.7 shows the CPU priority control.
Table 5.7
CPU Priority Control
Control Status
Interrupt
Control
Mode
Interrupt
Priority
Interrupt
Mask Bit
IPSETE in
CPUPCR
CPUP2 to CPUP0
Updating of CPUP2
to CPUP0
0
Default
I = any
0
B'111 to B'000
Enabled
I = 0
1
B'000
Disabled
I = 1
B'100
2
IPR setting
I2 to I0
0
B'111 to B'000
Enabled
1
I2 to I0
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com