| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 139 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 139 Page - Renesas Technology Corp |
|
139 / 1158 page ![]() Section 4 Exception Handling Rev.1.00 Jun. 07, 2006 Page 87 of 1102 REJ09B0294-0100 4.6.2 Interrupt Exception Handling Interrupts are controlled by the interrupt controller. The interrupt controller has two interrupt control modes and can assign interrupts other than NMI to eight priority/mask levels to enable multiple-interrupt control. The source to start interrupt exception handling and the vector address differ depending on the product. For details, refer to section 5, Interrupt Controller. The interrupt exception handling is as follows: 1. The contents of PC, CCR, and EXR are saved in the stack. 2. The interrupt mask bit is updated and the T bit is cleared to 0. 3. An exception handling vector table address corresponding to the interrupt source is generated, the start address of the exception service routine is loaded from the vector table to PC, and program execution starts from that address. 4.7 Instruction Exception Handling There are three instructions that cause exception handling: trap instruction, sleep instruction, and illegal instruction. 4.7.1 Trap Instruction Trap instruction exception handling starts when a TRAPA instruction is executed. Trap instruction exception handling can be executed at all times in the program execution state. The trap instruction exception handling is as follows: 1. The contents of PC, CCR, and EXR are saved in the stack. 2. The interrupt mask bit is updated and the T bit is cleared to 0. 3. An exception handling vector table address corresponding to the vector number specified in the TRAPA instruction is generated, the start address of the exception service routine is loaded from the vector table to PC, and program execution starts from that address. A start address is read from the vector table corresponding to a vector number from 0 to 3, as specified in the instruction code. Table 4.8 shows the state of CCR and EXR after execution of trap instruction exception handling. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |