Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 1149 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1149 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1145Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1146Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1147Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1148Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1149Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1150Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1151Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1152Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1149 / 1158 page
background image
Rev.1.00 Jun. 07, 2006 Page 1097 of 1102
REJ09B0294-0100
Internal peripheral bus ............................ 168
Internal system bus ................................. 168
Interrupt .................................................... 86
Interrupt control mode 0 ......................... 116
Interrupt control mode 2 ......................... 118
Interrupt controller.................................... 93
Interrupt exception handling sequence ... 120
Interrupt exception handling vector table111
Interrupt response times.......................... 121
Interrupt sources ..................................... 109
Interrupt sources and vector address offsets
................................................................ 111
Interrupt-in transfer................................. 804
Interval timer .......................................... 648
Interval timer mode................................. 648
Inverse convention.................................. 724
IRQn interrupts ....................................... 109
L
Little endian............................................ 180
M
Mark state ....................................... 698, 739
Master receive mode............................... 836
Master transmit mode ............................. 834
MCU operating modes.............................. 65
Mode 2...................................................... 70
Mode 4...................................................... 70
Mode 5...................................................... 70
Mode 6...................................................... 71
Mode 7...................................................... 71
Mode pin................................................... 65
Module stop function.............................. 981
Multi-clock function ............................... 980
Multiprocessor bit................................... 709
Multiprocessor communication
function................................................... 709
N
NMI interrupt .......................................... 109
Noise canceler......................................... 842
Nonlinearity error.................................... 861
Non-overlapping pulse output................. 597
Normal transfer mode ............................. 414
Normal transfer mode ............................. 347
Number of Access Cycles ....................... 181
O
Offset addition ........................................ 359
Offset error.............................................. 861
On-board programming........................... 903
On-board programming mode................. 903
On-chip baud rate generator.................... 701
On-chip ROM disabled extended mode
................ 65
On-chip ROM enabled extended mode
................. 65
Open-drain control register ..................... 441
Oscillator................................................. 963
Output buffer control .............................. 441
Output trigger.......................................... 596
Overflow ......................................... 628, 646
P
Package ....................................................... 2
Package dimensions .................... 1094, 1095
Parity bit.................................................. 698
Periodic count operation ......................... 538
Peripheral module clock (P
φ).......... 169, 957
Phase counting mode .............................. 556
Pin assignments........................................... 3
Pin configuration in each operating
mode............................................................ 4
Pin functions ............................................... 9
PLL circuit ...................................... 957, 965
Port function controller ........................... 483
Port register............................................. 438
Power-down modes................................. 971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com