Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 1142 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1142 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1138Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1139Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1140Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1141Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1142Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1143Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1144Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1145Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1142 / 1158 page
background image
Appendix
Rev.1.00 Jun. 07, 2006 Page 1090 of 1102
REJ09B0294-0100
Software Standby Mode
Port Name
MCU Operating
Mode
Reset
Hardware
Standby
Mode
OPE = 1
OPE = 0
Bus
Released
State
Port E
External extended
mode (EXPE = 1)
L
Hi-Z
Keep
Hi-Z
Hi-Z
ROM enabled
extended mode
Hi-Z
Hi-Z
Keep
[Address
output]
Hi-Z
[Other than
above]
Keep
[Address
output]
Hi-Z
[Other than
above]
Keep
Single-chip mode
(EXPE = 0)
Hi-Z
Hi-Z
Keep
Keep
Keep
PF7 to PF4 External extended
mode (EXPE = 1)
L/
Hi-Z*
Hi-Z
Keep
[Address
output]
Hi-Z
[Other than
above]
Keep
[Address
output]
Hi-Z
[Other than
above]
Keep
Single-chip mode
(EXPE = 0)
Hi-Z
Hi-Z
Keep
Keep
Keep
Port H
Single-chip mode
(EXPE = 0)
Hi-Z
Hi-Z
Keep
Keep
Keep
External extended
mode (EXPE = 1)
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Port I
Single-chip mode
(EXPE = 0)
Hi-Z
Hi-Z
Keep
Keep
Keep
8-bit
bus
mode
Hi-Z
Hi-Z
Keep
Keep
Keep
External
extended
mode
(EXPE = 1) 16-bit
bus
mode
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
32-bit
bus
mode
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Port M
All
Hi-Z
Hi-Z
Keep
Keep
Keep
[Legend]
H:
High-level output
L:
Low-level output
Keep:
Input pins become high-impedance, output pins retain their state.
Hi-Z:
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com