Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 1030 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1030 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1026Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1027Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1028Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1029Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1030Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1031Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1032Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1033Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1034Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1030 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 978 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Module
5
MSTPA5
1
R/W
D/A converter (channels 1 and 0)
4
MSTPA4
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
3
MSTPA3
1
R/W
A/D converter (unit 0)
2
1
MSTPA2
MSTPA1
1
1
R/W
R/W
Reserved
These bits are always read as 1. The write value should
always be 1.
0
MSTPA0
1
R/W
16-bit timer pulse unit (TPU channels 5 to 0)
• MSTPCRB
Bit
Bit Name
Initial
Value
R/W
Module
15
MSTPB15
1
R/W
Programmable pulse generator (PPG)
14
13
MSTPB14
MSTPB13
1
1
R/W
R/W
Reserved
These bits are always read as 1. The write value should
always be 1.
12
MSTPB12
1
R/W
Serial communication interface_4 (SCI_4)
11
MSTPB11
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
10
MSTPB10
1
R/W
Serial communication interface_2 (SCI_2)
9
MSTPB9
1
R/W
Serial communication interface_1 (SCI_1)
8
MSTPB8
1
R/W
Serial communication interface_0 (SCI_0)
7
MSTPB7
1
R/W
I
2C bus Interface 1 (IIC_1)
6
MSTPB6
1
R/W
I
2C bus Interface 0 (IIC_0)
5
4
3
2
1
0
MSTPB5
MSTPB4
MSTPB3
MSTPB2
MSTPB1
MSTPB0
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
Reserved
These bits are always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com